PART |
Description |
Maker |
IRFH4209DPBF IRFH4209DPBF-15 |
Synchronous Rectifier MOSFET for Synchronous Buck Converters
|
International Rectifier
|
MC78L05A MC78L05ACZ MC78L05AD MC78L05AZ MC78L06A M |
Replaced by TPS40075 : Midrange Input Synchronous Buck Controller With Voltage Feed-Forward 20-QFN -40 to 85 Mid Range Input Synchronous Buck Controller with Advanced Sequencing and Output Margining 24-VQFN -40 to 85 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 三端0.1A负电压调节器
|
Boca Semiconductor Corp... BOCA[Boca Semiconductor Corporation] Boca Semiconductor, Corp.
|
SP6654 SP6654ER SP6654EU SP6654EU_TR SP6654ER_TR S |
High Efficiency 800mA Synchronous Buck Regulator w/power good High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery 高效00mA的同步降压稳压器的理想与锂离子电池供电的便携式设
|
SIPEX[Sipex Corporation] Exar, Corp.
|
ADP3051ARMZ-REEL7 ADP3051 |
500 mA Synchronous Buck Switching Regulator 500 MA PWM STEP-DOWN DC-DC WITH SYNCHRONOUS RECTIFIER
|
Analog Devices
|
AOZ1024D AOZ1024DI |
EZBuck?/a> 4A Synchronous Buck Regulator EZBuck 4A Synchronous Buck Regulator EZBuck⑩ 4A Synchronous Buck Regulator
|
Alpha & Omega Semiconductors
|
ADP31800001RUR ADP3180JRU-REEL7 ADP3180JRU-REEL |
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO28 Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 12.5x25 mm; Packaging: Bulk 6-Bit Programmable 2-/ 3-/ 4-Phase Synchronous Buck Controller
|
Analog Devices, Inc.
|
IRFHM8228PBF IRFHM8228TRPBF |
Control or synchronous MOSFET for synchronous buck converter Control or synchronous MOSFET for synchronous buck converter
|
International Rectifier
|
ADP3207DJCPZ-RL ADP3207D |
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck 7-Bit Programmable, Multiphase Mobile, CPU Synchronous Buck Controller SWITCHING CONTROLLER, QCC40
|
ON Semiconductor
|
ISL6614 ISL6614CB ISL6614CB-T ISL6614CBZ ISL6614CB |
256 x 1 x 2 dual independent synchronous FIFO memories 24-SOIC -40 to 85 3 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16 Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LTC3859AMPUHFPBF |
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
|
Linear Technology
|
LTC3520 LTC3520EUF-PBF LTC3520EUF-TRPBF |
Synchronous 1A Buck-Boost and 600mA Buck Converters
|
Linear Technology
|
FAN210308 FAN2103 FAN2103EMPX FAN2103MPX |
TinyBuck 3A, 24V Input, Integrated Synchronous Buck Regulator TinyBuck⑩ 3A, 24V Input, Integrated Synchronous Buck Regulator
|
Fairchild Semiconductor
|